Part Number Hot Search : 
LTM4623 88523 MCP2155 RL204 ZPD20 RTL8208 L31Y5R6K 25L64
Product Description
Full Text Search
 

To Download SRC1205M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
SRC1205M
NPN Silicon Transistor
Descriptions
* Switching application * Interface circuit and driver circuit application
Features
* * * * With built-in bias resistors Simplify circuit design Reduce a quantity of parts and manufacturing process High packing density
Ordering Information
Type NO. SRC1205M Marking 1205 Package Code TO-92M
Outline Dimensions
4.00.1
unit : mm
* Equivalent Circuit
3.00.1
0.44 REF 0.52 REF
C(OUT)
B(IN) 14.00.40 14.00.40
R1
R2
E(COMMON) 1.27 Typ. 2.54 0.1. R1 2.2K R2 47K
1
2
3
PIN Connections 1. Emitter 2. Collector 3. Base
0.7 Typ.
3.00.1 3.8 Min.
0.42 Typ.
KSR-I005-000
1
SRC1205M
(Ta=25C)
Absolute maximum ratings
Characteristic
Out Voltage Input Voltage Out Current Power Dissipation Junction Temperature Storage Temperature
Symbol
VO VI IO PD TJ TSTG
Ratings
50 12 100 400 150 -55 ~ 150
Unit
V V mA mW C C
Electrical Characteristics
Characteristic
Output Cut-off Current DC Current Gain Output Voltage Input Voltage (ON) Input Voltage (OFF) Transition Frequency Input Current
(Ta=25C)
Symbol
IO(OFF) GI VO(ON) VI(ON) VI(OFF) fT
*
Test Condition
VO=50V, VI=0 VO=5V, IO=10mA IO=10mA, II=0.5mA VO=0.2V, IO=5mA VO=5V, IO=0.1mA VO=10V, IO=5mA VI=5V
Min. Typ. Max.
80 0.5 200 0.1 200 500 0.3 1.1 3.6
Unit
nA V V V MHz mA
II
* : Characteristic of Transistor Only
KSR-I005-000
2
SRC1205M
Electrical Characteristic Curves
Fig. 1 IO - VI(ON) Fig. 2 IO - VI(OFF)
Fig. 3 GI - IO
KSR-I005-000
3


▲Up To Search▲   

 
Price & Availability of SRC1205M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X